Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 12Page - Texas Instruments TPS61372 Datasheet HTML 13Page - Texas Instruments TPS61372 Datasheet HTML 14Page - Texas Instruments TPS61372 Datasheet HTML 15Page - Texas Instruments TPS61372 Datasheet HTML 16Page - Texas Instruments TPS61372 Datasheet HTML 17Page - Texas Instruments TPS61372 Datasheet HTML 18Page - Texas Instruments TPS61372 Datasheet HTML 19Page - Texas Instruments TPS61372 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
SW
IL
Hiccup Off
(80 ms)
ILIMIT
105% VIN
Output short
Hiccup On
(2 ms)
ISO Gate
VOUT
VIN
VIN - 0.5V
VOUT - 5V
VIN - 0.5V
16
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Behavior Description (continued)
Figure 14. Short Protection Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com