Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 27Page - Texas Instruments TPS61372 Datasheet HTML 28Page - Texas Instruments TPS61372 Datasheet HTML 29Page - Texas Instruments TPS61372 Datasheet HTML 30Page - Texas Instruments TPS61372 Datasheet HTML 31Page - Texas Instruments TPS61372 Datasheet HTML 32Page - Texas Instruments TPS61372 Datasheet HTML 33Page - Texas Instruments TPS61372 Datasheet HTML 34Page - Texas Instruments TPS61372 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
16X (
0.2)
(
0.2)
METAL
0.0325 MAX
SOLDER MASK
OPENING
METAL
UNDER
MASK
(
0.2)
SOLDER MASK
OPENING
0.0325 MIN
(0.35) TYP
(0.35)
TYP
4223145/A 08/2016
DSBGA - 0.5 mm max height
YKB0016
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
1
2
A
B
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:40X
C
3
D
4
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com