Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 2Page - Texas Instruments TPS61372 Datasheet HTML 3Page - Texas Instruments TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments TPS61372 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 2.5 V to 5 V and VOUT = 5 V to 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VREF
Reference voltage on FB
pin (VOUT > 105% VIN)
VIN = 2.5 V to 5 V, VOUT =
5 V to 16 V, TJ = - 40 °C to
125 °C
0.592
0.6
0.608
V
AUTO PFM mode ( VOUT
> 105% VIN)
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
101.6%
VREF
IFB_LKG
Leakage current into FB
pin
VIN = 2.5 V to 5 V, VOUT =
5 V to 16 V. TJ = - 40 °C to
125 °C
10
nA
POWER SWITCHES
RDS(on)
Low-side FET on
resistance
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
35
mΩ
High-side FET on
resistance
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
104
mΩ
CURRENT LIMIT
ILIM
Current Limit (Auto PFM
& Forced PWM)
VIN = 3 V to 4.5 V, VOUT =
5 V to 16 V, TJ = - 40 °C to
125 °C
3.2
3.6
4
A
EN, MODE LOGICS
VIH
EN, MODE pin high level
input voltage
VIN = 2.5 V to 5 V, VOUT =
5 V to 16 V, TJ = - 40 °C to
125 °C
1.2
V
VIL
EN, MODE pin low level
input voltage
0.4
V
VHYS
EN, MODE pin
Hysteresis
100
mV
RPD
EN, MODE pull down
resistor
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
800
kΩ
ERROR AMPLIFIER
VCOMPH
COMP output high
voltage
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C, VFB = VREF -
200mV
1.4
V
VCOMPL
COMP output low
voltage Auto PFM
VIN = 4 V, V°OUT = 12 V, TJ
= 25 °C, VFB = VREF +
200mV
0.8
V
COMP output low
voltage Forced PWM
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C, VFB = VREF +
200mV
0.6
V
Gm
Error amplifier trans
conductance
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
175
µS
PROTECTION
VOVP
Output over-voltage
protection threshold
VIN = 2.5 V to 5 V, TJ =- 40
°C to 125 °C
17.3
V
VOVP_HYS
Output over-voltage
protection hysteresis
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
500
mV
THERMAL
TSD_RISE
Thermal shutdown
threshold
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
140
°C
TSD_HYS
Thermal shutdown
recovery hysteresis
VIN = 4 V, VOUT = 12 V, TJ
= 25 °C
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com