Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 17Page - Texas Instruments TPS61372 Datasheet HTML 18Page - Texas Instruments TPS61372 Datasheet HTML 19Page - Texas Instruments TPS61372 Datasheet HTML 20Page - Texas Instruments TPS61372 Datasheet HTML 21Page - Texas Instruments TPS61372 Datasheet HTML 22Page - Texas Instruments TPS61372 Datasheet HTML 23Page - Texas Instruments TPS61372 Datasheet HTML 24Page - Texas Instruments TPS61372 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
RESR
FB
RUP
RDOWN
VOUT
RC
Cc
Cp
+
VREF
GEA
COUT
ROUT
+
L
CIN
VIN
R
Q
Q
Q
RSENSE
REA
TOFF
21
TPS61372
www.ti.com
SLVSEE7 – JUNE 2018
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Third-party Products Disclaimer
•
RESR is the resistor in series with the output capacitor
(25)
For the ceramic capacitor, the ESR ripple can be neglected. However, for the tantalum or electrolytic capacitors,
it must be considered if used.
Care must be taken when evaluating a ceramic capacitor’s derating under the DC bias. Ceramic capacitors can
derate by as much as 70% of its capacitance at its rated voltage. Therefore, enough margins on the voltage
rating should be considered to ensure adeqµAte capacitance at the required output voltage.
Table 4. Recommended Output Capacitor for TPS61372
PART NUMBER
C (μF)
Pieces
Description
SIZE
VENDOR(1)
GRM188R61E106MA73
D
10
3
X5R, 0603, 2.2μF, 25V,
+/- 20% tolerance
0603
Murata
9.2.3.3 Selecting the Input Capacitors
Multilayer ceramic capacitors are an excellent choice for the input decoupling of the step-up converter as they
have extremely low ESR and are available in small footprints. Input capacitors should be located as close as
possible to the device.
Take care when using only ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce
ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop instability or could even
damage the part. Additional "bulk" capacitance (electrolytic or tantalum) in this circumstance, should be placed
between CIN and the power source lead to reduce ringing that can occur between the inductance of the power
source leads and CIN.
9.2.3.4 Loop Stability and Compensation
9.2.3.4.1
Small Signal Model
The TPS61372 uses the adaptive off time with peak current control. With the inductor current information sensed,
the small-signal model of the power stage reduces from a two-pole system, created by L and COUT, to a single-
pole system, created by ROUT and COUT. An external loop compensation network connecting to the COMP pin of
TPS61372 is added to optimize the loop stability and the response time, a resistor RC, capacitor CC and CP
shown in comprises the loop compensation network.
Figure 16. TPS61372 Control Equivalent Circuitry Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com