Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61372 Datasheet HTML 1Page - Texas Instruments TPS61372 Datasheet HTML 2Page - Texas Instruments TPS61372 Datasheet HTML 3Page - Texas Instruments TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
VIN
SW
FB
GND
L
RUP
RDOWN
OFF
ON
CIN
COUT
BST
CBST
RC
Cc
COMP
VOUT
MODE
VOUT
Auto
PFM
Forced
PWM
EN
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS61372
SLVSEE7 – JUNE 2018
TPS61372 16-V, 3.6-A Synchronous Boost with Load Disconnect
1
1 Features
1
•
Input Voltage Range: 2.5 V to 5.5 V
•
Output Voltage Range: up to 16 V
•
On resistance: Low side FET - 35 m
Ω ; High side
FET - 104 m
Ω
•
Switch Peak Current Limit : 3.6 A
•
Quiescent Current from VIN: 74 μA (typ.)
•
Quiescent Current from VOUT: 10 μA (typ.)
•
Shutdown Current from VIN: 1 μA (max.)
•
Switching Frequency: 1.5 MHz
•
Hiccup Output Short Protection
•
Auto PFM and Forced PWM Selectable
•
Load Disconnect during Shutdown
•
External Loop Compensation
•
Over Voltage Protection
•
1.57-mm x 1.52-mm WCSP 16
2 Applications
•
RF PA Driver
•
NAND Flash
•
Backup Power
•
Motor Driver
•
Optical Sensor Driver
3 Description
The TPS61372 is a full-integrated synchronous boost
converter with load disconnect built-in. The device
could support output voltage up to 16 V with 3.6-A
current limit. The input voltage ranges from 2.5 V to
5.5 V supporting the application powered by single-
cell Li-ion battery or 5 V bus.
The TPS61372 uses the peak current mode with the
adaptive off-time control based. The device works in
the PWM operation of 1.5 MHz at the moderate to
heavy load. At light load condition, the device can be
configured in either Auto PFM or forced PWM
operation via configuring the MODE pin. The Auto
PFM mode benefits of high efficiency at light load
while the forced PWM operation can keep the
switching frequency being constant across the whole
load range. The TPS61372 has a soft start to
minimize the inrush current during startup. The
TPS61372
features
of
load
disconnect
when
shutdown, and provides a hiccup output short
protection with recovering automatically after the
short releasing. In addition, the device implements
output over voltage and thermal shutdown protection.
The TPS61372 delivers a compact solution size with
1.57-mm x 1.52-mm WCSP16 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TPS61372
YKB (16)
1.57 mm x 1.52 mm x 0.5
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - TPS61372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372L TI2-TPS61372L Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372LVARR TI2-TPS61372LVARR Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372YKBR TI1-TPS61372YKBR Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372YKBT TI1-TPS61372YKBT Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results

Similar Description - TPS61372

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS61378-Q1 TI1-TPS61378-Q1 Datasheet
773Kb / 29P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61378-Q1-V01 TI-TPS61378-Q1-V01 Datasheet
3Mb / 36P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61379-Q1 TI-TPS61379-Q1 Datasheet
2Mb / 34P
TPS61379-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com