Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007NT1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 17Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 18Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 19Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 20Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 21Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 22Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 23Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 24Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AFT09MS007NT1
21
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 760–860 MHz BROADBAND
REFERENCE CIRCUIT
740
Gps
f, FREQUENCY (MHz)
Figure 24. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 7.5 V
10
19
6
65
60
55
10
9
8
D
17
13
760
780
820
840
860
880
50
VDD =7.5 Vdc, Pin =0.25 W,IDQ = 150 mA
Pout
18
16
15
14
800
12
11
45
7
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 25. Output Power versus Gate--Source Voltage
14
1
2
34
10
2
8
4
f = 810 MHz
VDD =7.5 Vdc, Pin =0.25 W
0
0
Detail A
12
3
6
5
4
7
f = 810 MHz
Detail A
VDD =7.5 Vdc
Pin =0.1 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
6
12
VDD =7.5 Vdc, Pin =0.1 W
3
2
1
VDD =7.5 Vdc
Pin =0.25 W
0.5
1.5
2.5
3.5
Figure 26. Power Gain, Output Power and Drain
Efficiency versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
12
15
14
00.6
Gps
6
30
0
3
18
17
16
21
60
75
0.1
Pout
VDD =7.5 Vdc
IDQ = 150 mA
13
D
810 MHz
f = 860 MHz
19
20
0.2
0.3
0.4
0.5
9
12
45
15
760 MHz
810 MHz 860 MHz
760 MHz
860 MHz
760 MHz
810 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com