Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007NT1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 9Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 10Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 11Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 12Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 13Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 14Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 15Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 16Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AFT09MS007NT1
13
RF Device Data
Freescale Semiconductor, Inc.
450–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Table 12. 450–520 MHz UHF Broadband Performance (In Freescale Reference Circuit, 50 ohm system)
VDD =7.5 Volts, IDQ = 150 mA, TA =25C, CW
Frequency
(MHz)
Pin
(W)
Gps
(dB)
D
(%)
Pout
(W)
450
0.21
15.4
57.7
7.5
485
0.21
15.5
56.0
7.5
520
0.18
16.2
66.3
7.5
Table 13. Load Mismatch/Ruggedness (In Freescale Reference Circuit)
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
520
CW
> 65:1 at all
Phase Angles
0.2
(3 dB Overdrive)
10.8
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com