Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007NT1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 7Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 8Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 9Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 10Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 11Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 12Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 13Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 14Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AFT09MS007NT1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 350–470 MHz UHF BROADBAND
REFERENCE CIRCUIT
320
Gps
f, FREQUENCY (MHz)
Figure 12. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power
12
20
5
90
80
70
60
8
7
6
D
19
17
13
360
380
420
440
480 500
50
VDD =7.5 Vdc
Pin =0.20 W
IDQ = 200 mA
Pout
18
16
15
14
340
400
460
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 13. Output Power versus Gate--Source Voltage
1
2
34
10
2
8
4
f = 410 MHz
VDD =7.5 Vdc, Pin =0.25 W
0
0
Detail A
1.2
2
0.8
0.4
0.6
0.4
0.8
f = 410 MHz
Detail A
VDD =7.5 Vdc
Pin =0.1 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
6
12
14
VDD =7.5 Vdc, Pin =0.1 W
0.2
VDD =7.5 Vdc
Pin =0.25 W
5
1.6
Figure 14. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
13
16
15
0.01
1
Gps
7.5
20
10
0
2.5
19
18
17
20
40
60
80
0.1
Pout
VDD =7.5 Vdc
IDQ = 200 mA
14
470 MHz
D
f = 470 MHz
350 MHz
470 MHz
410 MHz
350 MHz
350 MHz
410 MHz
12
5
410 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com