Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007NT1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT09MS007NT1 Datasheet HTML 1Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 2Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 3Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 4Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 5Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 6Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 7Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 8Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AFT09MS007NT1
5
RF Device Data
Freescale Semiconductor, Inc.
870 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 5. AFT09MS007NT1 Narrowband Test Circuit Component Layout — 870 MHz
AFT09MS007N
Rev. 2
C1
C2 C3
B1
C4*
L1
C6
C8
C7
C9
C5
L2
C14*
C15*
L3
C16
C13
C11 C12
C10
*C4, C14 and C15 are mounted vertically.
D49708
Table 6. AFT09MS007NT1 Narrowband Test Circuit Component Designations and Values — 870 MHz
Part
Description
Part Number
Manufacturer
B1
RF Bead, Short
2743019447
Fair-Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C12
0.1 F Chip Capacitors
CDR33BX104AKWS
Kemet
C3, C11
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C10, C16
56 pF Chip Capacitors
ATC100B560CT500XT
ATC
C5
3.9 pF Chip Capacitor
ATC100B3R9CT500XT
ATC
C6, C7
7.5 pF Chip Capacitors
ATC100B7R5CT500XT
ATC
C8, C9
6.8 pF Chip Capacitors
ATC100B6R8CT500XT
ATC
C13
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16-RH Multicomp
C14, C15
3.6 pF Chip Capacitors
ATC100B3R6CT500XT
ATC
L1
8.0 nH Inductor
A03TKLC
Coilcraft
L2
18.5 nH Inductor
A05TKLC
Coilcraft
L3
5.0 nH Inductor
A02TKLC
Coilcraft
PCB
Rogers RO4350B, 0.030, r =3.66
D49708
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com