Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007NT1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 18Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 19Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 20Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 21Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 22Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 23Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 24Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 25Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS007NT1
760–860 MHz BROADBAND REFERENCE CIRCUIT
Zo =2 
f = 760 MHz
f = 860 MHz
Zload
Zsource
f = 760 MHz
f = 860 MHz
VDD =7.5 Vdc, IDQ = 150 mA, Pout =7 W
f
MHz
Zsource
Zload
760
0.77 + j0.62
1.65 – j0.04
770
0.81 + j0.71
1.70 + j0.10
780
0.81 + j0.79
1.72 + j0.24
790
0.82 + j0.85
1.74 + j0.36
800
0.84 + j0.92
1.77 + j0.49
810
0.85 + j0.98
1.81 + j0.61
820
0.88 + j1.02
1.84 + j0.69
830
0.89 + j1.07
1.87 + 0.79
840
0.91 + 1.13
1.91 + j0.90
850
0.91 + j1.19
1.93 + j0.99
860
0.94 + j1.23
1.99 + j1.08
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 27. Broadband Series Equivalent Source and Load Impedance — 760–860 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com