Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 2 Page - NXP Semiconductors

  AFT09S200W02N Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
AFT09S200W02NR3 AFT09S200W02GNR3
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +70
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
C
Case Operating Temperature Range
TC
--40 to +125
C
Operating Junction Temperature Range (1,2)
TJ
--40 to +225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80C, 56 W CW, 28 Vdc, IDQ = 1400 mA, 940 MHz
RJC
0.35
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2
Machine Model (per EIA/JESD22--A115)
B
Charge Device Model (per JESD22--C101)
IV
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =70 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
5
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 729 Adc)
VGS(th)
1.0
1.5
2.0
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, ID = 1400 mA)
VGS(Q)
—
2.15
—
Vdc
Fixture Gate Quiescent Voltage (4)
(VDD =28 Vdc, ID = 1400 mA, Measured in Functional Test)
VGG(Q)
3.2
4.3
5.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =4.1 Adc)
VDS(on)
0.1
0.2
0.3
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select
Documentation/Application Notes -- AN1955.
4. VGG=2.0  VGS(Q). Parameter measured on Freescale Test Fixture, due to resistor divider network on the board. Refer to Test Fixture Layout.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com