Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 4 Page - NXP Semiconductors

  AFT09S200W02N Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT09S200W02NR3 AFT09S200W02GNR3
Figure 2. AFT09S200W02NR3 Test Circuit Component Layout — 920–960 MHz
*C1, C6, C7, C18, C19 and C24 are mounted vertically.
C1*
C2
C3
R1
R2
R3
C6*
C7*
R4
C4
C5
C8
C9
C10
C11
C14
C25
C17
C16
C19*
C18*
C21
C20
C23
C22
C24*
C15
C13
C12
AFT09S200W02N/--14N
Rev. 0
D49362
VGG
VGG
VDD
VDD
Table 6. AFT09S200W02NR3 Test Circuit Component Designations and Values — 920–960 MHz
Part
Description
Part Number
Manufacturer
C1, C3, C4, C14, C15, C24
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C2, C5, C8, C9, C10, C11,
C12, C13
10 F Chip Capacitors
C5750X7S2A106M230KB
TDK
C6, C7
2.7 pF Chip Capacitors
ATC100B2R7BT500XT
ATC
C16, C17
5.6 pF Chip Capacitors
ATC100B5R6CT500XT
ATC
C18, C19
2.0 pF Chip Capacitors
ATC100B2R0BT500XT
ATC
C20, C21
1.0 pF Chip Capacitors
ATC100B1R0BT500XT
ATC
C22, C23
0.3 pF Chip Capacitors
ATC100B0R3BT500XT
ATC
C25
220 F, 100 V Electrolytic Capacitor
EEV-FK2A221M
Panasonic-ECG
R1, R2
1000 , 1/4 W Chip Resistors
CRCW12061K00FKEA
Vishay
R3, R4
10 , 1/8 W Chip Resistors
RK73H2ATTD10R0F
KOA Speer
PCB
Rogers RO4350B, 0.020, r =3.66
D49362
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com