Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 10Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 11Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFT09S200W02NR3 AFT09S200W02GNR3
P1dB -- TYPICAL LOAD PULL CONTOURS — 940 MHz
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
--2
1
0
1.5
22.5
0.5
3
0.5
--0.5
--1
--1.5
1
--2
1
0
1.5
22.5
0.5
3
0.5
--0.5
--1
--1.5
1
60
58
56 54
52
48
REAL ()
--2
1
0
1.5
22.5
0.5
3
0.5
--0.5
--1
--1.5
1
62
50
48
--2
1
0
--0.5
--1
0.5
1
1.5
2
2.5
3
0.5
--1.5
52.5
53
52
51
50
51.5
53.5
50.5
E
P
19
19.5
20
18.5
18
17.5
21.5
21
20.5
--4
--6
--18
--8
--10
--16
--14 --12
Figure 10. P1dB Load Pull Output Power Contours (dBm)
REAL ()
Figure 11. P1dB Load Pull Efficiency Contours (%)
Figure 12. P1dB Load Pull Gain Contours (dB)
REAL ()
Figure 13. P1dB Load Pull AM/PM Contours ()
REAL ()
E
P
E
P
E
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com