Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT09S200W02N Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AFT09S200W02NR3 AFT09S200W02GNR3
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 920–960 MHz
820
ACPR
f, FREQUENCY (MHz)
Figure 3. Single--Carrier Output Peak--to--Average Ratio Compression
(PARC) Broadband Performance @ Pout = 56 Watts Avg.
--23
--3
--8
--13
--18
11
21
20
19
--42
50
40
30
20
--22
--26
--30
--34
18
17
16
15
14
13
12
840
860
880
900
920
940
960
980
10
--38
--28
PARC
Figure 4. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--75
0
--15
--30
--60
1
200
--45
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 186 W (PEP), IDQ = 1400 mA
Two--Tone Measurements, (f1 + f2)/2 = Center
Frequency of 940 MHz
Figure 5. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
Pout, OUTPUT POWER (WATTS)
--1
--3
30
0
--2
--4
15
45
60
90
0
60
50
40
30
20
10
--3 dB = 56 W
75
D
ACPR
PARC
--60
0
--10
--20
--40
--30
--50
21
20
19
18
17
16
15
Gps
--1 dB = 28 W
--2 dB = 41 W
IRL
--5.2
--2
--2.8
--3.6
--4.4
--6
--5
Gps
IM3--L
1
VDD =28 Vdc,IDQ = 1400 mA, f = 940 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel
Bandwidth, Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF
D
100
IM3--U
VDD =28 Vdc,Pout =56 W (Avg.)
IDQ = 1400 mA, Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com