Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT09S200W02N Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AFT09S200W02NR3 AFT09S200W02GNR3
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1,2) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, Pout = 56 W Avg., f = 960 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ 5MHz Offset.
Power Gain
Gps
18.5
19.2
21.5
dB
Drain Efficiency
D
32.5
36.5
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
6.5
6.8
—
dB
Adjacent Channel Power Ratio
ACPR
—
--34.8
--33.5
dBc
Input Return Loss
IRL
—
--13
--9
dB
Load Mismatch (In Freescale Test Fixture, 50 ohm system) IDQ = 1400 mA, f = 940 MHz
VSWR 10:1 at 32 Vdc, 260 W CW Output Power
(3 dB Input Overdrive from 180 W CW Rated Power)
No Device Degradation
Typical Performance (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, 920–960 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
—
200
—
W
AM/PM
(Maximum value measured at the P3dB compression point across
the 920--960 MHz frequency range)
—
--11.5
—
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
140
—
MHz
Gain Flatness in 40 MHz Bandwidth @ Pout =56 W Avg.
GF
—
0.1
—
dB
Gain Variation over Temperature
(--30Cto+85C)
G
—
0.018
—
dB/C
Output Power Variation over Temperature
(--30Cto+85C)
P1dB
—
0.004
—
dB/C
1. Part internally matched both on input and output.
2. Measurement made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com