Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250EC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SCF5250EC Datasheet HTML 24Page - NXP Semiconductors SCF5250EC Datasheet HTML 25Page - NXP Semiconductors SCF5250EC Datasheet HTML 26Page - NXP Semiconductors SCF5250EC Datasheet HTML 27Page - NXP Semiconductors SCF5250EC Datasheet HTML 28Page - NXP Semiconductors SCF5250EC Datasheet HTML 29Page - NXP Semiconductors SCF5250EC Datasheet HTML 30Page - NXP Semiconductors SCF5250EC Datasheet HTML 31Page - NXP Semiconductors SCF5250EC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
28
Freescale Semiconductor
Figure 5 and Table 23 provide the timing diagram and timing parameters for the Debug AC.
Figure 5. Debug AC Timing Definition Diagram
H1
HIZ to High Impedance
–
tbd
ns
H2
HIZ to Low Impedance
–
tbd
ns
1 AC timing specs assume 40pF load capacitance on BCLK and a 50pF load capacitance on output pins. If this value is different,
the input and output timing specifications would need to be adjusted to match the clock load.
2 Outputs (8mA): DATA[31:16], ADDR[25,23:9]
3 Outputs (4mA): SDRAS, SDCAS, SDWE, SD_CS0, SDUDQM, SDLDQM, BCLKE
4 High Impedance (Three-State): DATA[31:16]
Table 23. Debug AC Timing Specification1
1 AC timing specs assume 50pF load capacitance on PSTCLK and output pins. If this value is different, the input and
output timing specifications would need to be adjusted to match the clock load.
Num
Characteristic
Min
Max
Units
D1
PSTCLK to signal Valid (Output valid)
–
6
ns
D2
PSTCLK to signal Invalid (Output hold)
1.8
–
ns
D32
2 DSCLK and DSI are internally synchronized. This setup time must be met only if recognition on a particular clock is
required.
Signal Valid to PSTCLK (Input setup)
3
–
ns
D4
PSTCLK to signal Invalid (Input hold)
5
–
ns
Table 22. Output AC Timing Specification (continued)
Num
Characteristic1
Min
Max
Units
PSTCLK
DSCLK
DSI
PST[3:0]
DDATA[3:0]
DSO
D3
D1
D2
D3
D4
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com