Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250EC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 1 Page - NXP Semiconductors

  SCF5250EC Datasheet HTML 1Page - NXP Semiconductors SCF5250EC Datasheet HTML 2Page - NXP Semiconductors SCF5250EC Datasheet HTML 3Page - NXP Semiconductors SCF5250EC Datasheet HTML 4Page - NXP Semiconductors SCF5250EC Datasheet HTML 5Page - NXP Semiconductors SCF5250EC Datasheet HTML 6Page - NXP Semiconductors SCF5250EC Datasheet HTML 7Page - NXP Semiconductors SCF5250EC Datasheet HTML 8Page - NXP Semiconductors SCF5250EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document contains information on a product under development. Freescale reserves the right to change or discontinue this
product without notice.
Document Number: SCF5250EC
Rev. 1.3, 07/2006
SCF5250
Package Information
MAPBGA–196
LQFP-144
Ordering Information: See Table 1 on page 2
1
Introduction
This document provides an overview of the SCF5250
ColdFire® processor and general descriptions of
SCF5250 features and its various modules.
The SCF5250 was designed as a system
controller/decoder for compressed audio music players,
especially portable and automotive CD and hard disk
drive players. The 32-bit ColdFire core with Enhanced
Multiply Accumulate (EMAC) unit provides optimum
performance and code density for the combination of
control code and signal processing required for audio
decoding and post processing, file management, and
system control.
Low power features include a hardwired CD ROM
decoder, advanced 0.13um CMOS process technology,
1.2V core power supply, and on-chip 128KByte SRAM
that enables Windows Media Audio (WMA) decoding
without the need for external DRAM in CD applications.
The SCF5250 is also an excellent general purpose
system controller with over 110 Dhrystone 2.1 MIPS @
120MHz performance at a very competitive price. The
SCF5250
Integrated ColdFire®
Microprocessor
Data Sheet
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 SCF5250 Block Diagram . . . . . . . . . . . . . . . . 8
3 Signal Descriptions . . . . . . . . . . . . . . . . . . . . 8
4 Electrical Characteristics . . . . . . . . . . . . . . 21
5 Pin-Out and Package Information . . . . . . . . 36
6 Product Documentation . . . . . . . . . . . . . . . . 55


Similar Part No. - SCF5250EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SCF5250EAG1202 FREESCALE-SCF5250EAG1202 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
More results

Similar Description - SCF5250EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5272VM66 FREESCALE-MCF5272VM66 Datasheet
331Kb / 12P
This document provides an overview of the MCF5272 microprocessor features, including the major functional components.
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Texas Instruments
TAS5548EVM TI-TAS5548EVM Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
This section provides a complete overview of all features relating to the Cyclone III device family
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
List of Unclassifed Man...
NS9360B-0-C177 ETC2-NS9360B-0-C177 Datasheet
1Mb / 68P
This table lists the key features of the NS7520
logo
STMicroelectronics
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com