Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250EC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SCF5250EC Datasheet HTML 35Page - NXP Semiconductors SCF5250EC Datasheet HTML 36Page - NXP Semiconductors SCF5250EC Datasheet HTML 37Page - NXP Semiconductors SCF5250EC Datasheet HTML 38Page - NXP Semiconductors SCF5250EC Datasheet HTML 39Page - NXP Semiconductors SCF5250EC Datasheet HTML 40Page - NXP Semiconductors SCF5250EC Datasheet HTML 41Page - NXP Semiconductors SCF5250EC Datasheet HTML 42Page - NXP Semiconductors SCF5250EC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
39
59
QSPI_CS1/EBUOUT2/
GPIO16
I/O
QSPI Chip select 1 output /
audio interface EBU output 2
Out / LOW
60
QSPI_CS0/EBUIN4/
GPIO15
I/O
QSPI chip select 0 /
audio interface EBUIN 4
Out / LOW
61
PAD GND
–
–
–
62
SCLK1/GPIO20
I/O
Audio interfaces serial clock 1
In / LOW
63
LRCK1/GPIO19
I/O
Audio interfaces word clock 1
In / LOW
64
SDATAO1/TOUT0/
GPIO18
I/O
Audio interfaces serial data
output 1 / Timer output 0
Out / LOW
65
SDATAI1/GPIO17
I
Audio interfaces serial data in 1
In / LOW
66
CFLG/GPIO5
I/O
CFLG input
In / LOW
67
EF/GPIO6
I/O
Error flag input
In / LOW
68
QSPI_CS2/MCLK2/
GPIO24
I/O
QSPI Chip Select output 2 /
audio master clock output 2
Out / LOW
69
SDATAI3/GPIO8
I/O
Audio interfaces serial data input 3
In / LOW
70
ADIN0/GPI52
A
AD input 0
In only
71
ADIN1/GPI53
A
AD input 1
In only
72
ADIN2/GPI54
A
AD input 2
In only
73
ADVDD
–
–
–
74
ADGND
–
–
–
75
ADIN3/GPI55
A
AD input 3
In only
76
ADIN4/GPI56
A
AD input 4
In only
77
ADIN5/GPI57
A
AD input 5
In only
78
ADREF
A
ADC reference input
In
79
ADOUT/SCLK4/
GPIO58
I/O
AD output / SCLK4 (for GPI function in
low power applications)
Out / clock output
80
LRCK3/GPIO43/
AUDIO_CLOCK
I/O
Audio interface LRCK3 /
Audio master clock input
In / LOW
81
SCLK3/GPIO35
I/O
Audio interface SCLK3
In / LOW
82
SCL0/SDATA1_BS1/
GPIO41
I/O
I2C0 clock line / FlashMedia
Data interface
Out / LOW
83
SDA0/SDATA3/GPIO42
I/O
I2C0 data / FlashMedia data interface
Hi-Z
84
DDATA0/CTS1/
SDATA0_SDIO1/GPIO1
I/O
Debug / UART1 CTS / FlashMedia data
interface
Out / HIGH
85
DDATA1/RTS1/
SDATA2_BS2/GPIO2
I/O
Debug / UART1 RTS / FlashMedia data
interface
Out / HIGH
Table 35. 144 QFP Pin Assignments (continued)
144 QFP
Pin Number
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com