Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250EC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SCF5250EC Datasheet HTML 28Page - NXP Semiconductors SCF5250EC Datasheet HTML 29Page - NXP Semiconductors SCF5250EC Datasheet HTML 30Page - NXP Semiconductors SCF5250EC Datasheet HTML 31Page - NXP Semiconductors SCF5250EC Datasheet HTML 32Page - NXP Semiconductors SCF5250EC Datasheet HTML 33Page - NXP Semiconductors SCF5250EC Datasheet HTML 34Page - NXP Semiconductors SCF5250EC Datasheet HTML 35Page - NXP Semiconductors SCF5250EC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
32
Freescale Semiconductor
Figure 9 provides the I2C-bus and system clock timing diagram and Table 28 provides the I2C-bus output
timing parameters.
Figure 9. I2C and System Clock Timing Relationship
Table 28. I2C Output Bus Timings
Num
Characteristic
96 MHz
Units
Min
Max
M101
1 SCL and SDA are internally synchronized. This setup time must be met only if recognition on a particular clock is required.
SCL, SDA Valid to BCLK (input setup)
2
–
ns
M11
BCLK to SCL, SDA Invalid (input hold)
4.5
–
ns
M122
2 Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this specification applies only when SCL
or SDA are driven low by the processor. The time required for SCL or SDA to reach a high level depends on external signal capacitance and
pull-up resistor values.
BCLK to SCL, SDA Low (output valid)
–
10
ns
M133
3 Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this specification applies only when SCL
or SDA are actively being driven or held low by the processor.
BCLK to SCL, SDA Invalid (output hold)
3
–
ns
BCLK
SCL, SDA IN
SCL, SDA OUT
SCL, SDA OUT
M10
M11
M12
M13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com