Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 3 Page - NXP Semiconductors

  SCF5250EC Datasheet HTML 1Page - NXP Semiconductors SCF5250EC Datasheet HTML 2Page - NXP Semiconductors SCF5250EC Datasheet HTML 3Page - NXP Semiconductors SCF5250EC Datasheet HTML 4Page - NXP Semiconductors SCF5250EC Datasheet HTML 5Page - NXP Semiconductors SCF5250EC Datasheet HTML 6Page - NXP Semiconductors SCF5250EC Datasheet HTML 7Page - NXP Semiconductors SCF5250EC Datasheet HTML 8Page - NXP Semiconductors SCF5250EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
3
1.2.2
DMA Controller
The SCF5250 provides four fully programmable DMA channels for quick data transfer. Single and dual
address mode is supported with the ability to program bursting and cycle stealing. Data transfer is
selectable as 8, 16, 32, or 128-bits. Packing and unpacking is supported.
Two internal audio channels and the dual UART can be used with the DMA channels. All channels can
perform memory to memory transfers. The DMA controller has a user-selectable, 24- or 16-bit counter and
a programmable DMA exception handler.
External requests are not supported.
1.2.3
Enhanced Multiply and Accumulate Module (EMAC)
The integrated EMAC unit provides a common set of DSP operations and enhances the integer multiply
instructions in the ColdFire architecture. The EMAC provides functionality in three related areas:
1. Faster signed and unsigned integer multiplies
2. New multiply-accumulate operations supporting signed and unsigned operands
3. New miscellaneous register operations
Multiplies of 16x16 and 32x32 with 48-bit accumulates are supported in addition to a full set of extensions
for signed and unsigned integers plus signed, fixed-point fractional input operands. The EMAC has a
single-clock issue for 32x32-bit multiplication instructions and implements a four-stage execution
pipeline.
1.2.4
Instruction Cache
The instruction cache improves system performance by providing cached instructions to the execution unit
in a single clock. The SCF5250 processor uses a 8K-byte, direct-mapped instruction cache to achieve 107
MIPS at 120 MHz. The cache is accessed by physical addresses, where each 16-byte line consists of an
address tag and a valid bit. The instruction cache also includes a bursting interface for 16-bit and 8-bit port
sizes to quickly fill cache lines.
1.2.5
Internal 128-KByte SRAM
The 128-KByte on-chip SRAM is available in two banks, SRAM0 (64K) and SRAM1 (64K). It provides
one clock-cycle access for the ColdFire core. This SRAM can store processor stack and critical code or
data segments to maximize performance. Memory in SRAM1 can be accessed under DMA.
1.2.6
SDRAM Controller
The SCF5250 SDRAM controller provides a glueless interface for one bank of SDRAM up to 32 MB
(256 Mbits). The controller supports a 16-bit data bus. A unique addressing scheme allows for increases
in system memory size without rerouting address lines and rewiring boards. The controller operates in
page mode, non-page mode, and burst-page mode and supports SDRAMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com