Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL5021BTS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL5021BTS
Description  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL5021BTS Datasheet HTML 1Page - NXP Semiconductors SSL5021BTS Datasheet HTML 2Page - NXP Semiconductors SSL5021BTS Datasheet HTML 3Page - NXP Semiconductors SSL5021BTS Datasheet HTML 4Page - NXP Semiconductors SSL5021BTS Datasheet HTML 5Page - NXP Semiconductors SSL5021BTS Datasheet HTML 6Page - NXP Semiconductors SSL5021BTS Datasheet HTML 7Page - NXP Semiconductors SSL5021BTS Datasheet HTML 8Page - NXP Semiconductors SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SSL5021BTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 11 March 2015
2 of 20
NXP Semiconductors
SSL5021BTS
Compact low-ripple buck LED driver IC
Thermal foldback protection via a single PTC or NTC resistor
Compatible with wall switches with built-in standby indicator lights (Hotaru switch)
Extended IC lifetime
3.
Applications
The SSL5021BTS is intended for low-cost, non-isolated LED lighting applications with
accurate fixed current output up to 25 W for single mains or universal mains voltage
(90 V (AC) to 277 V (AC)).
4.
Quick reference data
[1]
An internal clamp sets the supply voltage. The current into the VCC pin must not exceed the maximum IVCC
value (see Table 4).
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating range
[1] 9.5
-
16
V
RDSon
on-state resistance
of internal switch
Tj =25 C
-
0.75
0.90
Tj =125 C-
1.20
-
II(SW)
input current in pin SW triangle wave;
duty cycle < 20 %
2-
+2
A
VI(SW)
input voltage on pin
SW
current limited at
8.8 mA;
internal switch off
0.4
-
+22
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL5021BTS
TSOP6
plastic surface-mounted package; 6 leads
SOT457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com