Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL5021BTS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL5021BTS
Description  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors SSL5021BTS Datasheet HTML 10Page - NXP Semiconductors SSL5021BTS Datasheet HTML 11Page - NXP Semiconductors SSL5021BTS Datasheet HTML 12Page - NXP Semiconductors SSL5021BTS Datasheet HTML 13Page - NXP Semiconductors SSL5021BTS Datasheet HTML 14Page - NXP Semiconductors SSL5021BTS Datasheet HTML 15Page - NXP Semiconductors SSL5021BTS Datasheet HTML 16Page - NXP Semiconductors SSL5021BTS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SSL5021BTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 11 March 2015
13 of 20
NXP Semiconductors
SSL5021BTS
Compact low-ripple buck LED driver IC
12. Application information
(1) R3b, R6b, C1 and C2 are the parts for the 230 V (AC) mains application. Short R3b and R6b out and reduce C1 and C2 voltage
rating for the 120 V (AC) mains application.
(2) RT1 is optional. It is normally shorted.
Fig 7.
SSL5021BTS application diagram for MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com