Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL5021BTS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL5021BTS
Description  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL5021BTS Datasheet HTML 1Page - NXP Semiconductors SSL5021BTS Datasheet HTML 2Page - NXP Semiconductors SSL5021BTS Datasheet HTML 3Page - NXP Semiconductors SSL5021BTS Datasheet HTML 4Page - NXP Semiconductors SSL5021BTS Datasheet HTML 5Page - NXP Semiconductors SSL5021BTS Datasheet HTML 6Page - NXP Semiconductors SSL5021BTS Datasheet HTML 7Page - NXP Semiconductors SSL5021BTS Datasheet HTML 8Page - NXP Semiconductors SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SSL5021BTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 11 March 2015
4 of 20
NXP Semiconductors
SSL5021BTS
Compact low-ripple buck LED driver IC
7.2 Pin description
8.
Functional description
8.1 Converter operation
The SSL5021BTS is a power MOSFET and bipolar compatible controller. The converter in
the SSL5021BTS is a source/emitter switch, Boundary Conduction Mode (BCM), on-time
controlled system. Figure 3 shows the basic application diagram for MOSFET. Figure 4
shows the basic application diagram for bipolar.
The integrated switch is used to save IC supply current. It enables the use a single
external resistor as supply even in switching mode. This converter operates at the
boundary between Continuous Conduction Mode (CCM) and Discontinuous Conduction
Mode (DCM). Figure 5 shows the waveforms.
When the internal switch is switched on at t0, the inductor current IL builds up from zero in
proportional with VIN -VOUT during the switch on-time (t0 to t1). Energy is stored in the
inductor.
When the internal switch switches off at t1, IL drops proportionally to the value of VOUT.
The current flows through the freewheeling diode and the output capacitor (t2 to t3). When
IL reaches zero, after a short delay (t3 to t00), a new switching cycle starts.
Table 3.
Pin description
Symbol
Pin
Description
ISNS
1
current sense input
VCC
2
supply voltage
SW
3
internal switch drain
DEMOVP
4
input from LED output for demagnetization timing, valley detection,
temperature foldback, and OVP
GND
5
ground
COMP
6
loop compensation to provide a stable response
Fig 3.
SSL5021BTS basic application diagram for MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com