Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL5021BTS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL5021BTS
Description  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL5021BTS Datasheet HTML 5Page - NXP Semiconductors SSL5021BTS Datasheet HTML 6Page - NXP Semiconductors SSL5021BTS Datasheet HTML 7Page - NXP Semiconductors SSL5021BTS Datasheet HTML 8Page - NXP Semiconductors SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors SSL5021BTS Datasheet HTML 10Page - NXP Semiconductors SSL5021BTS Datasheet HTML 11Page - NXP Semiconductors SSL5021BTS Datasheet HTML 12Page - NXP Semiconductors SSL5021BTS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SSL5021BTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 11 March 2015
9 of 20
NXP Semiconductors
SSL5021BTS
Compact low-ripple buck LED driver IC
8.7 Supply management
The IC starts up when the voltage on the VCC pin increases to exceed Vstartup. The IC
locks out (stops switching) when the voltage on the VCC pin drops to below Vth(UVLO). The
hysteresis between the start and stop levels allows the VCC capacitor to supply the IC
during zero-crossings of the mains.
The SSL5021BTS incorporates an internal clamping circuit to limit the voltage on the VCC
pin. The clamp limits the voltage on the VCC pin to the maximum value, Vclamp(VCC). If the
maximum current of the external resistor minus the current consumption of the IC is lower
than the limiting value of IVCC in Table 4, no external Zener diode is required.
8.8 PTC or NTC function and high-temperature foldback
The PTC function or NTC function can be used as a control method for LED thermal
protection. The PTC resistor which is connected to DEMOVP pin senses the temperature.
When the voltage on DEMOVP pin is higher than the foldback level (Vth(fold)), the on-time
is reduced with the increased DEMOVP pin voltage. Then the average LED current is
reduced.
When the temperature keeps increasing, the Vth(ovp) is exceeded. The converter stops
switching. The IC restarts when OVP is triggered.
This feature is optional as shown in Figure 7 and Figure 8. PTC is normally shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com