Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL5021BTS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL5021BTS
Description  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL5021BTS Datasheet HTML 1Page - NXP Semiconductors SSL5021BTS Datasheet HTML 2Page - NXP Semiconductors SSL5021BTS Datasheet HTML 3Page - NXP Semiconductors SSL5021BTS Datasheet HTML 4Page - NXP Semiconductors SSL5021BTS Datasheet HTML 5Page - NXP Semiconductors SSL5021BTS Datasheet HTML 6Page - NXP Semiconductors SSL5021BTS Datasheet HTML 7Page - NXP Semiconductors SSL5021BTS Datasheet HTML 8Page - NXP Semiconductors SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The SSL5021BTS is a highly integrated, high-precision, non-isolated MOSFET/bipolar
buck controller. It is intended to drive LED lamps in universal mains non-dimmable lighting
applications up to 25 W. The SSL5021BTS is designed for low-ripple applications.
The SSL5021BTS operates in Boundary Conduction Mode (BCM) with on-time regulation.
Operating in BCM provides a constant output current control with high accuracy. Adaptive
switching frequency gives freedom to choose the inductor, which enables the optimization
of inductor size, efficiency and EMI.
The SSL5021BTS starts up and operates in switching mode directly from an external
resistor without dV/dt supply or auxiliary supply. This feature simplifies the VCC supply. It
allows a low-cost off-the-shelf inductor to be used, providing flexibility in application
design.
The SSL5021BTS comes in a compact TSOP6 package.
The SSL5031BTS is suitable for high power factor/Low-THD applications with a
high-temperature foldback function. The SSL5031CTS is best for high power
factor/low-THD applications without a high-temperature foldback function.
2.
Features and benefits
Driving LED strings from a rectified mains supply, low-ripple (< ±5 %)
Small electronic Bill of Materials (BOM) enabling a compact solution and a small,
single layer Printed-Circuit Board (PCB) footprint
Excellent line and load regulation and LED output current accuracy
Efficient BCM operation with:
Minimal reverse recovery losses in freewheel diode
Zero Current Switching (ZCS) and valley switching for switch turn-on
Minimal inductance value and size required
High efficiency (up to 91 %)
Ultra low IC current during operation (< 150
A)
Auto-recovery protections:
UnderVoltage LockOut (UVLO)
Cycle-by-cycle OverCurrent Protection (OCP)
Internal OverTemperature Protection (OTP)
Output OverVoltage Protection (OVP)
Output Short Protection (OSP)
SSL5021BTS
Compact low-ripple buck LED driver IC
Rev. 2 — 11 March 2015
Product data sheet


Similar Part No. - SSL5021BTS

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SSL5.0A SS-SSL5.0A Datasheet
162Kb / 3P
200 Watt, Uni-Directional TVS Diode
Rev 1.0 02/12/24
logo
Yangzhou yangjie electr...
SSL510 YANGJIE-SSL510 Datasheet
201Kb / 2P
Schottky Rectifier
logo
Shenzhen Yixinwei Techn...
SSL510 YIXIN-SSL510 Datasheet
251Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SSL510 YFWDIODE-SSL510 Datasheet
456Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL510 YFWDIODE-SSL510 Datasheet
449Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL5021BTS

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AT9933 SUTEX-AT9933 Datasheet
515Kb / 9P
Hysteretic Boost-Buck (cuk) LED Driver IC
logo
KODENSHI_AUK CORP.
SN8500D KODENSHI-SN8500D Datasheet
349Kb / 10P
Switching Type (Buck) LED Driver IC
logo
NXP Semiconductors
SSL21081AT PHILIPS-SSL21081AT Datasheet
212Kb / 22P
Compact non-dimmable LED driver IC
Rev. 6-3 October 2013
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
logo
Supertex, Inc
AT9933 SUTEX-AT9933_12 Datasheet
625Kb / 9P
Hysteretic Boost-Buck (훴uk) LED Driver IC
AT9932 SUTEX-AT9932 Datasheet
655Kb / 10P
Automotive Boost-Buck LED Lamp Driver IC
HV9930 SUTEX-HV9930_11 Datasheet
570Kb / 7P
Hysteretic Boost-Buck (훴uk) LED Driver IC
logo
Microchip Technology
AT9933 MICROCHIP-AT9933 Datasheet
542Kb / 16P
Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
Critical Current Mode Buck LED Driver IC
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com