Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-MOS-DNET Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PSI-MOS-DNET
Description  Supply voltage and data signals routed through via DIN rail connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-MOS-DNET Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PSI-MOS-DNET Datasheet HTML 1Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 2Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 3Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 4Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 5Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 6Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/us/products/2313986
09/03/2014   Page 3 / 7
FO converters - PSI-MOS-DNET/FO 850 T - 2313986
Technical data
Optical interface FO
-28.1 dBm (200/230 µm)
Wavelength
850 nm
Transmission length incl. 3 dB system reserve
1800 m (with F-K 200/230 8 dB/km with quick mounting connector)
4600 m (with F-G 50/125 2.5 dB/km)
4200 m (with F-G 62,5/125 3.0 dB/km)
Transmission medium
HCS fiber
Multi-mode fiberglass
Transmission protocol
Protocol transparent for CAN interface
Connection method
B-FOC (ST®)
Digital outputs
Output name
Relay output
Number of outputs
1
Contact type
N/O contact
Minimum switching voltage
11 V DC
Maximum switching voltage
30 V DC
Limiting continuous current
500 mA
Power supply
Nominal supply voltage
24 V DC
Supply voltage range
11 V DC ... 30 V DC (via pluggable COMBICON screw terminal block)
Typical current consumption
150 mA (24 V DC)
General
Bit distortion, input
± 35 % (permitted)
Bit distortion, output
< 6.25 %
Electrical isolation
VCC // CAN
Test voltage data interface/power supply
1.5 kVrms (50 Hz, 1 min.)
Electromagnetic compatibility
Conformance with EMC Directive 2004/108/EC
Noise emission
EN 55011
Net weight
161 g
Housing material
PA 6.6-FR
Color
green
MTBF
400 Years (Telcordia standard, 25°C temperature, 21% operating cycle (5
days a week, 8 hours a day))
64 Years (Telcordia standard, 40°C temperature, 34.25% operating cycle
(5 days a week, 12 hours a day))
MTTF
543 Years (SN 29500 standard, temperature 25°C, operating cycle 21 % (5
days a week, 8 hours a day))



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com