Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-MOS-DNET Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PSI-MOS-DNET
Description  Supply voltage and data signals routed through via DIN rail connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-MOS-DNET Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PSI-MOS-DNET Datasheet HTML 1Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 2Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 3Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 4Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 5Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 6Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/2313986
09/03/2014   Page 1 / 7
FO converters - PSI-MOS-DNET/FO 850 T - 2313986
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fiber optic converter with integrated optical diagnostics, for DeviceNet™, CAN, CANopen® up to 1000 kbps, T-
coupler, interfaces: 1 x CAN, 1 x Alarm, 2 x FO (B-FOC), 850 nm, for HCS/fiberglass (multi-mode)
Product Features
 Data rates of up to 1000 kbps
 Supply voltage and data signals routed through via DIN rail connectors
 Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
 Automatic data rate detection or fixed data rate setting via DIP switches
 Integrated optical diagnostics for continuous monitoring of fiber optic paths
 High-quality electrical isolation between all interfaces (DeviceNet // fiber optic ports // power supply // DIN rail connector)
 Connections can be plugged in using a COMBICON screw terminal block
 Redundant power supply possible by means of optional system power supply unit
 Approved for use in zone 2
 Intrinsically safe fiber optic interface (Ex op is) for direct connection to devices in zone 1
 Floating switch contact for leading alarm generation in relation to critical fiber optic paths
 
 
 
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
0.26 GRM
Custom tariff number
85176200
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area


Similar Part No. - PSI-MOS-DNET

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PSI-MODEM-BASIC PHOENIX-PSI-MODEM-BASIC Datasheet
60Kb / 2P
Configurable, selective call acceptance
PSI-MODEM-SHDSL PHOENIX-PSI-MODEM-SHDSL Datasheet
291Kb / 7P
Distances up to 20 km
More results

Similar Description - PSI-MOS-DNET

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
CliQ DIN Rail Power Supply
logo
Arch Electronics Corp.
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
Sync DIN Rail Power Supply
logo
PHOENIX CONTACT
2708326 PHOENIX-2708326 Datasheet
370Kb / 7P
Supply voltage and data signals routed through via DIN rail connectors
2708368 PHOENIX-2708368 Datasheet
187Kb / 6P
Supply voltage and data signals routed through via DIN rail connectors
2708423 PHOENIX-2708423 Datasheet
246Kb / 13P
Supply voltage and data signals routed through via DIN rail connectors
2865010 PHOENIX-2865010 Datasheet
106Kb / 6P
Power supply and error indication possible via DIN rail connector
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com