Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-MOS-DNET Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PSI-MOS-DNET
Description  Supply voltage and data signals routed through via DIN rail connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-MOS-DNET Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PSI-MOS-DNET Datasheet HTML 1Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 2Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 3Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 4Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 5Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 6Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/2313986
09/03/2014   Page 2 / 7
FO converters - PSI-MOS-DNET/FO 850 T - 2313986
Technical data
Dimensions
Width
35 mm
Height
102 mm
Depth
119 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (non-condensing)
Altitude
5000 m (For restrictions see manufacturer's declaration)
Degree of protection
IP20
Noise immunity
EN 61000-6-2
Serial interface
Interface 1
CAN interface, in accordance with ISO/IS 11898 for DeviceNet, CAN,
CANopen
Operating mode
Semi-duplex
No. of channels
2 (CAN_High / CAN_Low)
Connection method
COMBICON plug-in screw terminal block
File format/coding
Bit stuffing, NRZ
Transmission medium
2-wire twisted pair, shielded
Transmission method
CSMA/CA
Transmission length
≤ 5000 m (Dependent on the data rate and the protocol used)
Number of INTERBUS devices
≤ 64 (per potential segment)
≤ 63 (DeviceNet™, can be addressed logically)
≤ 128 (CANopen®, can be addressed logically)
Termination resistor
124 Ω (Integrated and ready to be switched)
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
14
Optical interface FO
Transmit capacity, minimum
-13.5 dBm (50/125 µm)
-12.3 dBm (62,5/125 µm)
-10.2 dBm (200/230 µm)
Minimum receiver sensitivity
-28.1 dBm (50/125 µm)
-28.1 dBm (62,5/125 µm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com