Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-MOS-DNET Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PSI-MOS-DNET
Description  Supply voltage and data signals routed through via DIN rail connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-MOS-DNET Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PSI-MOS-DNET Datasheet HTML 1Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 2Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 3Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 4Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 5Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 6Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/products/2313986
09/03/2014   Page 4 / 7
FO converters - PSI-MOS-DNET/FO 850 T - 2313986
Technical data
General
247 Years (SN 29500 standard, temperature 40 °C, operating cycle 34.25
% (5 days a week, 12 hours a day))
102 Years (SN 29500 standard, temperature 40°C, operating cycle 100 %
(7 days a week, 24 hours a day))
Conformance
CE-compliant
ATEX
 II (2) D [Ex op is Db] IIIC (PTB 06 ATEX 2042 U) (Please follow the
special installation instructions in the documentation!)
 II (2) G [Ex op is Gb] IIC (PTB 06 ATEX 2042 U) (Please follow the
special installation instructions in the documentation!)
 II 3 G Ex nA IIC T4 Gc X (Please follow the special installation
instructions in the documentation!)
UL, USA / Canada
508 listed
Classifications
eCl@ss
eCl@ss 4.0
27230207
eCl@ss 4.1
27230207
eCl@ss 5.0
27230207
eCl@ss 5.1
27230207
eCl@ss 6.0
27230207
eCl@ss 7.0
27230207
eCl@ss 8.0
27143136
ETIM
ETIM 3.0
EC000236
ETIM 4.0
EC000236
ETIM 5.0
EC001467
UNSPSC
UNSPSC 6.01
30211506
UNSPSC 7.0901
39121008
UNSPSC 11
39121008
UNSPSC 12.01
39121008
UNSPSC 13.2
43201553
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com