Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-MOS-DNET Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # PSI-MOS-DNET
Description  Supply voltage and data signals routed through via DIN rail connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-MOS-DNET Datasheet(HTML) 7 Page - PHOENIX CONTACT

  PSI-MOS-DNET Datasheet HTML 1Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 2Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 3Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 4Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 5Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 6Page - PHOENIX CONTACT PSI-MOS-DNET Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
https://www.phoenixcontact.com/us/products/2313986
09/03/2014   Page 7 / 7
FO converters - PSI-MOS-DNET/FO 850 T - 2313986
Block diagram
(1)
(5)
(6)
(7)
(8)
(9)
(2)
24V
V+
CAN_High
SHD
CAN_Low
V-
0V
(3)
(4)
12
11
124
DC
DC
24V 0V GND Data
A
Data
B
gn
gn
rd
rd
ERRA
rd
ERRB
DC
DC
FOdiagnosticsportB
FOdiagnosticsportA
Busmanagement
DINrailconnector(T-BUS)
Retiming
Retiming
Alarm
Function/
transmissionspeed
FOportB
TD
RD
FOportA
TD
RD
Brokenfiber
Retiming
Brokenfiber
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com