Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF49 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 4 Page - Hirose Electric

  DF49 Datasheet HTML 1Page - Hirose Electric DF49 Datasheet HTML 2Page - Hirose Electric DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
CAV No.
Contact No.1
Contact
No.n
0.08±0.03
B±0.15
A±0.2
P=0.4±0.1
0.7±0.1
■
Receptacles (SMT)
■
Recommended PCB mounting pattern
B±0.02
P=0.4±0.02
0.2±0.02
Contact No.1
GND pad
Contact pad
C±0.02
D±0.02
Unit : mm
Part Number
CL No.
Number of contacts
A
B
C
DF49-20S-0.4H(**)
662-5503-4-**
20
12.8
7.6
12.03
DF49-30S-0.4H(**)
Under planning
30
16.8
11.6
16.03
DF49-40S-0.4H(**)
662-5500-6-**
40
20.8
15.6
20.03
Note 1: Tape and reel packaging (7,000 pieces/reel).
Order by number of reels.
[Specification number] - **, (**)
(51):Embossed tape packaging
(7,000 pieces per reel)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com