Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF49 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric DF49 Datasheet HTML 10Page - Hirose Electric DF49 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
1.Recommended temperature profile
Solder composition : Paste, 96.5%Sn/3.0%Ag/0.5%Cu
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface temperature at the point
of contacts with the connector terminals.
2.Recommended manual soldering
Manual soldering: 350ç for 3 seconds
Do NOT use flux compound when manual soldering.
3.Recommended screen thickness and open
area ratio (Pattern area ratio)
Standard thickness 0.1mm
Open area ratios:Lead terimnal 100%
:Ground terminal 75%
4.Board warpage
Maximum of 0.02mm at the connector center, with both ends of the connector as reference points.
5.Cleaning conditions
Refer to “Nylon Connector Use Handbook”.
■
Precautions
50
60sec max
100
150
200
250
Time (sec.)
0
100
150
200
250
50
Room
temperature
300
90 to 120sec
180ç
250ç
220ç
150ç
Temperature (ç)
■
Extraction tool
For details about the extraction tool, please contact your Hirose sales representative.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com