Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF49 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 3 Page - Hirose Electric

  DF49 Datasheet HTML 1Page - Hirose Electric DF49 Datasheet HTML 2Page - Hirose Electric DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
■
Ordering information
DF 49 J − * S − 0.4 H (**)
●
Connector
❶ Series name:DF
❻ Contact pitch:0.4mm
❷ Series No. :49
❸ Connector style
Receptacle/Shell
J:Receptacle for conductivity tests
Blank:Standard
❼ Termination type
H :Rightangle SMT
SD:Fine coaxial cable plug
❹ Number of positions: 20,30,40
❽ Packaging
(51):Embossed tape packaging
❺ Connector type
S:Receptacle
P:Plug
❾ Installation item(separate)
SHL:Metal cover
❶
❷
❸
❹ ❺
❻
❽
❼
■
Combinations
[Standard use]
DF49-*S-0.4H(**)
+
DF49-*P-ASSY
DF49-*P-0.4SD(**)
DF49-*P-SHL
Note: The product specification of the above combination is shown on page 2.
[Receptacle conductivity test]
DF49-*S-0.4H(**)
+
DF49J-*P-ASSY••(Note)
DF49J-*P-0.4SD(**)
DF49-*P-SHL
Note: This harness item is only usable for the receptacle test.
For the product specification of the above combination, please contact our sales department.
[Plug conductivity test]
DF49-*S-0.4H(**)
+
DF49-*P-ASSY
DF49-*P-0.4SD(**)
DF49-*P-SHL
Note: For the product specification, please contact our sales department.
π : ASSY means a harness item.
DF 49 − * P − SHL
❶
❷
❹ ❺
❾
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com