Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF49 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 1 Page - Hirose Electric

  DF49 Datasheet HTML 1Page - Hirose Electric DF49 Datasheet HTML 2Page - Hirose Electric DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
DF49 Series
2010.9
■
Features
1.Ultra low-profile structure
A low-profile and space-saving item, with a stacking height of
0.7mm (0.8mm MAX).
2.Reliable electrical and mechanical connection
Despite its small mated height, unique contact configuration
assures highly reliable connection, with effective mating length
of 0.5mm.
3.Enhanced shielding and ground connections
Metal shells on the plug and receptacle connect to each other,
assuring reliable ground connection and EMC protection.
4.Simplified lock structure with audible click
Audibly clicks into place thanks to the two-point lateral lock
structure and optimized contact force.
5.Incorrect insertion prevention mechanism
The bend structure of the shell prevents the reverse insertion
of the plug connector and mating failure.
6.Solder wicking prevention
Nickel barriers prevent solder wicking in the critical contact
areas.(Receptacle)
■
Connectors for conductivity tests
We have a line-up of plug connectors for inspection, usable
for electrical testing.
0.7±0.1 (Mated height)
(0.5) Effective mating length
The bend structure of the shell
prevents the reverse insertion
Reliable connection
Mis-insertion Prevention
Figure. 1
Figure. 2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF49

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
2mm Pitch Connector Directly Mounted on Board
DF4-02P-2R26 HIROSE-DF4-02P-2R26 Datasheet
236Kb / 7P
2mm Pitch Connector Directly Mounted on Board
DF4-02PA-2R26 HIROSE-DF4-02PA-2R26 Datasheet
236Kb / 7P
2mm Pitch Connector Directly Mounted on Board
DF4-03P-2R26 HIROSE-DF4-03P-2R26 Datasheet
236Kb / 7P
2mm Pitch Connector Directly Mounted on Board
DF4-03PA-2R26 HIROSE-DF4-03PA-2R26 Datasheet
236Kb / 7P
2mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF49

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com