Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF49 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric DF49 Datasheet HTML 10Page - Hirose Electric DF49 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
Unit : mm
Part Number
CL No.
Number of contacts
A
B
C
D
E
DF49-20S-0.4H(51)
662-5503-4-51
20
11.5
−
24.0
24.4
30.4
DF49-30S-0.4H(51)
Under planning
30
14.2
28.4
32.0
32.4
38.4
DF49-40S-0.4H(51)
662-5500-6-51
40
20.2
40.4
44.0
44.4
50.4
Note 1 : Embossed tape will have perforated feed holes on single side (20pos.)
●
Embossed Carrier Tape Dimensions
■
Packaging Specification
(1.45)
2±0.15
4±0.1
8±0.1
Unreeling direction
●
Reel Dimensions
E MAX
Ø13±0.2
Part number label
D +20
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com