Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4309CX9 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP4309CX9 Datasheet HTML 1Page - NXP Semiconductors IP4309CX9 Datasheet HTML 2Page - NXP Semiconductors IP4309CX9 Datasheet HTML 3Page - NXP Semiconductors IP4309CX9 Datasheet HTML 4Page - NXP Semiconductors IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
5 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
7.
Application information
7.1 Insertion loss
The IP4309CX9 is mainly designed as an ESD protection device for high-speed interfaces
such as HDMI, DVI and USB data lines etc.
The insertion loss in a 50
 NetWork Analyzer (NWA) of two channels of IP4309CX9 is
depicted in Figure 4. The other channels behave similar as all channels contain an
identical electrical circuitry.
The insertion loss measurement configuration of a typical 50
 NWA system for
evaluation of the IP4309CX9 is shown in Figure 3. It was measured using a test
Printed-Circuit Board (PCB) utilizing laser-drilled micro-via holes that connect the
PCB ground plane to the ground pins.
Fig 3.
Frequency response setup
(1) Pin A1
(2) Pin A2
Fig 4.
Typical IP4309CX9 frequency response curves
018aaa016
50
Ω
Vgen
50
Ω
DUT
OUT
IN
TEST BOARD
018aaa113
–15
–5
5
S21
(dB)
–25
f (MHz)
10–1
104
103
1102
10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com