Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4309CX9 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4309CX9 Datasheet HTML 1Page - NXP Semiconductors IP4309CX9 Datasheet HTML 2Page - NXP Semiconductors IP4309CX9 Datasheet HTML 3Page - NXP Semiconductors IP4309CX9 Datasheet HTML 4Page - NXP Semiconductors IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
The IP4309CX9 is a 8-channel low capacitance ElectroStatic Discharge (ESD) protection
device, providing protection to downstream components from ESD voltages up to
15 kV
contact discharge and higher than
15 kV air discharge, far exceeding IEC 61000-4-2,
level 4.
The device is optimized for the protection of high-speed interfaces such as High-Definition
Multimedia Interface (HDMI), Digital Video Interface (DVI) and other interfaces requiring
very low capacitance ESD protection. In order to prevent any current backdrive into the
adjacent channel, all eight ESD protection channels are electrically separated and share
only the same ground connections.
The IP4309CX9 is fabricated using monolithic silicon technology in a single Wafer Level
Chip-Size Package (WLCSP). These features make IP4309CX9 ideal for use in
applications requiring component miniaturization, such as mobile phone handsets.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (dark green compliant)
8 ultra low input capacitance rail-to-rail ESD protection diodes with CI/O =1.3 pF
Rdyn =0.45 
Downstream ESD protection up to
15 kV (contact), exceeding IEC 61000-4-2, level 4
3
 3 pin WLCSP with 0.4 mm pitch
1.3 Applications
High-speed interface ESD protection such as HDMI, DVI and USB etc.
Interfaces with special requirements on low capacitive ESD protection
Interfaces requiring separation of the positive clamping voltage / current path
IP4309CX9
HDMI octal channel low capacitive high-performance
ESD protection
Rev. 1 — 10 March 2011
Product data sheet


Similar Part No. - IP4309CX9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4302CX2 PHILIPS-IP4302CX2 Datasheet
218Kb / 10P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
IP4302CX2_A NXP-IP4302CX2_A Datasheet
453Kb / 11P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
IP4302CX2_A PHILIPS-IP4302CX2_A_15 Datasheet
218Kb / 10P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
More results

Similar Description - IP4309CX9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
logo
NXP Semiconductors
IP4359CX4 NXP-IP4359CX4 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
HDMI Interface ESD Protection
V2.1, April 2009
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
HDMI 1.3 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Texas Instruments
ESD224 TI1-ESD224 Datasheet
331Kb / 17P
Low Clamping 4-Channel ESD Protection Device for HDMI Interface
logo
Nexperia B.V. All right...
IP4358CX6 NEXPERIA-IP4358CX6 Datasheet
582Kb / 12P
Quad channel low capacitance high performance ESD protection
IP4359CX4 NEXPERIA-IP4359CX4 Datasheet
609Kb / 13P
Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com