Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4309CX9 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4309CX9 Datasheet HTML 3Page - NXP Semiconductors IP4309CX9 Datasheet HTML 4Page - NXP Semiconductors IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors IP4309CX9 Datasheet HTML 10Page - NXP Semiconductors IP4309CX9 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
7 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
8.
Package outline
Fig 7.
Package outline WLCSP9 (IP4309CX9)
wlcsp9_3x3_po
European
projection
WLCSP9: wafer level chip-size package; 9 bumps (3 x 3)
bump A1
index area
D
E
detail X
A
A2
A1
e1
e1
e
e
b
1
C
B
A
23
X
Table 5.
Package outline dimensions
Symbol
Min
Typ
Max
Unit
A
0.570.610.65mm
A1
0.18
0.20
0.22
mm
A2
0.59
0.61
0.63
mm
b
0.210.260.31mm
D
1.11
1.16
1.21
mm
E
1.11
1.16
1.21
mm
e
-
0.40
-
mm
e1
-0.8
-mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com