Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4309CX9 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4309CX9 Datasheet HTML 2Page - NXP Semiconductors IP4309CX9 Datasheet HTML 3Page - NXP Semiconductors IP4309CX9 Datasheet HTML 4Page - NXP Semiconductors IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors IP4309CX9 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
6 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
7.2 Crosstalk
The setup for crosstalk measurements in a 50
 NWA system for several pin
combinations reflecting the various possible physical distances is shown in Figure 5.
The crosstalk measurement results are depicted in Figure 6. Other combinations behave
similar, depending on the distance between the pins.
Fig 5.
Crosstalk measurement configuration
(1) Pin A1 to A2
(2) Pin A1 to B1
(3) Pin A1 to C3
(4) Pin A1 to A3
Fig 6.
Typical IP4309CX9 crosstalk behavior
018aaa019
50
Ω
Vgen
50
Ω
DUT
OUT2
IN1
TEST BOARD
50
Ω
OUT1
50
Ω
IN2
018aaa114
–80
–40
0
S21
(dB)
–120
f (MHz)
1104
103
10
102
(1)
(4)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com