Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4309CX9 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors IP4309CX9 Datasheet HTML 10Page - NXP Semiconductors IP4309CX9 Datasheet HTML 11Page - NXP Semiconductors IP4309CX9 Datasheet HTML 12Page - NXP Semiconductors IP4309CX9 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
9 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
[1]
Cumulated pitch error:
0.2 mm per 10 pitches.
[2]
Carbon-loaded polystyrene 100 % recyclable.
[3]
The cover tape shall not overlap the sprocket holes.
10. Design and assembly recommendations
10.1 PCB design guidelines
It is recommended, for optimum performance, to use a Non-Solder Mask
Defined (NSMD), also known as a copper-defined design, incorporating laser-drilled
micro-vias connecting the ground pads to a buried ground-plane layer. This results in the
lowest possible ground inductance and provides the best high frequency and
ESD performance. Refer to Table 7 for the recommended PCB design parameters.
10.2 PCB assembly guidelines for Pb-free soldering
Device
rotation
20
max
Carrier tape antistatic[2]
film thickness
T
0.25
0.07
Cover tape[3]
width
W1
5.75
max
film thickness
T1
0.1
max
Bending radius
in winding direction
R
30
min
Table 6.
Tape dimensions …continued
Description
Item
Symbol
Specification (mm)
Dimension
Tolerance
Table 7.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
m
Micro-via diameter
100
m (0.004 inch)
Solder mask aperture diameter
325
m
Copper thickness
20
m to 40 m
Copper finish
AuNi
PCB material
FR4
Table 8.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
325
m
Solder screen thickness
100
m (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %); Cu (0.5 % to 0.9 %)
Solder to flux ratio
50 : 50
Solder reflow profile
see Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com