Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2EX Datasheet(PDF) 2 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 2 Page - Texas Instruments

  TDA2EX Datasheet HTML 1Page - Texas Instruments TDA2EX Datasheet HTML 2Page - Texas Instruments TDA2EX Datasheet HTML 3Page - Texas Instruments TDA2EX Datasheet HTML 4Page - Texas Instruments TDA2EX Datasheet HTML 5Page - Texas Instruments TDA2EX Datasheet HTML 6Page - Texas Instruments TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 401 page
background image
2
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Device Overview
Copyright © 2016–2018, Texas Instruments Incorporated
1.2
Applications
•
LVDS or Ethernet Surround View
–
3D Surround View
–
Rear Object Detection
–
Parking Assist
–
Pedestrian Detection
–
Lane Tracking
–
Drive Recording
•
Sensor Fusion – Vision, Radar, Ultrasonic, Lidar
Sensors
–
Object Data Fusion
–
Raw Data Fusion
1.3
Description
TI’s new TDA2Ex System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to
meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA2Ex family
enables broad ADAS applications in today’s automobile by integrating an optimal mix of performance, low
power, and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free
driving experience.
The TDA2Ex SoC enables sophisticated embedded vision technology in today’s automobile by enabling a
board range of ADAS applications including park assist, surround view and sensor fusion on a single
architecture.
The TDA2Ex SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed
and floating-point TMS320C66x digital signal processor (DSP) generation core, Arm Cortex-A15
MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for decoding multiple
video streams over an Ethernet AVB network, along with graphics accelerator for rendering virtual views,
enable a 3D viewing experience. The TDA2Ex SoC also integrates a host of peripherals including
multicamera interfaces (both parallel and serial, including CSI-2) to enable Ethernet or LVDS-based
surround view systems, displays and GigB Ethernet AVB.
Additionally, TI provides a complete set of development tools for the Arm and DSP, including C compilers,
a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface for visibility
into source code execution.
Cryptographic acceleration is available in all devices. All other supported security features, including
support for secure boot, debug security and support for trusted execution environment are available on
High-Security (HS) devices. For more information about HS devices, contact your TI representative.
The TDA2Ex ADAS processor is qualified according to the AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA2EG-17
FCBGA (538)
17.0 mm × 17.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com