Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2EX Datasheet(PDF) 65 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 65 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 401 page
background image
65
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-7. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_a4
GPMC address 4 in A/D nonmultiplexed mode and Address 20 in A/D
multiplexed mode
O
K3
gpmc_a5
GPMC address 5 in A/D nonmultiplexed mode and Address 21 in A/D
multiplexed mode
O
K2
gpmc_a6
GPMC address 6 in A/D nonmultiplexed mode and Address 22 in A/D
multiplexed mode
O
J1
gpmc_a7
GPMC address 7 in A/D nonmultiplexed mode and Address 23 in A/D
multiplexed mode
O
K1
gpmc_a8
GPMC address 8 in A/D nonmultiplexed mode and Address 24 in A/D
multiplexed mode
O
K4
gpmc_a9
GPMC address 9 in A/D nonmultiplexed mode and Address 25 in A/D
multiplexed mode
O
H1
gpmc_a10
GPMC address 10 in A/D nonmultiplexed mode and Address 26 in A/D
multiplexed mode
O
J2
gpmc_a11
GPMC address 11 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
L3
gpmc_a12
GPMC address 12 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
G1
gpmc_a13
GPMC address 13 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A4, H3, G4
gpmc_a14
GPMC address 14 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
E7, H4, G3
gpmc_a15
GPMC address 15 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D6, K6, F6
gpmc_a16
GPMC address 16 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
C5, K5, M1
gpmc_a17
GPMC address 17 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B5, G2, D8
gpmc_a18
GPMC address 18 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D7, F2, C7
gpmc_a19
GPMC address 19 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A4(3), C6, H5
gpmc_a20
GPMC address 20 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A5, E7(3), L4
gpmc_a21
GPMC address 21 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B6, D6(3), H2
gpmc_a22
GPMC address 22 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A6, C5(3), H6
gpmc_a23
GPMC address 23 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B5, H5, C10, G4
gpmc_a24
GPMC address 24 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D7(3), D10, G3
gpmc_a25
GPMC address 25 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
C6(3), F6, E10
gpmc_a26
GPMC address 26 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A5(3), M1, B10
gpmc_a27
GPMC address 27 in A/D nonmultiplexed mode and Address 27 in A/D
multiplexed mode
O
B6(3), D8, C7, E8
gpmc_cs0
GPMC Chip Select 0 (active low)
O
F3
gpmc_cs1
GPMC Chip Select 1 (active low)
O
A6
gpmc_cs2
GPMC Chip Select 2 (active low)
O
G4
gpmc_cs3
GPMC Chip Select 3 (active low)
O
G3
gpmc_cs4
GPMC Chip Select 4 (active low)
O
H2
gpmc_cs5
GPMC Chip Select 5 (active low)
O
H6
gpmc_cs6
GPMC Chip Select 6 (active low)
O
H5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com