Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2EX Datasheet(PDF) 67 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 67 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 401 page
background image
67
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
4.3.8
I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster High-Speed I2C
Controller / HS I2C Environment / HS I2C in I2C Mode section of the device TRM.
NOTE
I
2C1 and I2C2 do NOT support HS-mode.
Table 4-9. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface 1 (I2C1)
i2c1_scl
I2C1 Clock
IOD
G22
i2c1_sda
I2C1 Data
IOD
G23
Inter-Integrated Circuit Interface 2 (I2C2)
i2c2_scl
I2C2 Clock
IOD
G21
i2c2_sda
I2C2 Data
IOD
F23
Inter-Integrated Circuit Interface 3 (I2C3)
i2c3_scl
I2C3 Clock
IOD
C17, K22, L4, Y6
i2c3_sda
I2C3 Data
IOD
C16, H21, H5, Y5
Inter-Integrated Circuit Interface 4 (I2C4)
i2c4_scl
I2C4 Clock
IOD
B25, D17, M1, V5
i2c4_sda
I2C4 Data
IOD
C23, D16, M2, U5
Inter-Integrated Circuit Interface 5 (I2C5)
i2c5_scl
I2C5 Clock
IOD
B14, K3, U6
i2c5_sda
I2C5 Data
IOD
AC3, D14, K2
Inter-Integrated Circuit Interface 6 (I2C6)
i2c6_scl
I2C6 Clock
IOD
A24
i2c6_sda
I2C6 Data
IOD
D23
4.3.9
UART
NOTE
For more information about UART booting, see the Initialization / Device Initialization by
ROM Code / Perypheral Booting / Initialization Phase for UART Boot section of the device
TRM.
Table 4-10. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter 1 (UART1)
uart1_dcdn
UART1 Data Carrier Detect active low
I
N23
uart1_dsrn
UART1 Data Set Ready Active Low
I
N25
uart1_dtrn
UART1 Data Terminal Ready Active Low
O
N22
uart1_rin
UART1 Ring Indicator
I
N24
uart1_rxd
UART1 Receive Data
I
L25
uart1_txd
UART1 Transmit Data
O
M25
uart1_ctsn
UART1 clear to send active low
I
L20
uart1_rtsn
UART1 request to send active low
O
M24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com