Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2EX Datasheet(PDF) 4 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 4 Page - Texas Instruments

  TDA2EX Datasheet HTML 1Page - Texas Instruments TDA2EX Datasheet HTML 2Page - Texas Instruments TDA2EX Datasheet HTML 3Page - Texas Instruments TDA2EX Datasheet HTML 4Page - Texas Instruments TDA2EX Datasheet HTML 5Page - Texas Instruments TDA2EX Datasheet HTML 6Page - Texas Instruments TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 401 page
background image
4
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Table of Contents
Copyright © 2016–2018, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
3.2
Related Products
..................................... 7
4
Terminal Configuration and Functions
.............. 8
4.1
Pin Diagram
.......................................... 8
4.2
Pin Attributes
......................................... 8
4.3
Signal Descriptions
.................................. 56
4.4
Pin Multiplexing
..................................... 88
4.5
Connections for Unused Pins
...................... 101
5
Specifications
......................................... 102
5.1
Absolute Maximum Ratings
........................ 103
5.2
ESD Ratings
....................................... 104
5.3
Power on Hour (POH) Limits
...................... 104
5.4
Recommended Operating Conditions
............. 104
5.5
Operating Performance Points
..................... 107
5.6
Power Consumption Summary
.................... 126
5.7
Electrical Characteristics
........................... 126
5.8
VPP Specifications for One-Time Programmable
(OTP) eFuses
...................................... 133
5.9
Thermal Resistance Characteristics for CBD
Package
............................................ 134
5.10
Timing Requirements and Switching
Characteristics
..................................... 136
6
Detailed Description
.................................. 282
6.1
Description
......................................... 282
6.2
Functional Block Diagram
......................... 282
6.3
MPU
................................................ 284
6.4
DSP Subsystem
................................... 287
6.5
IVA
................................................. 291
6.6
IPU
................................................. 291
6.7
GPU
................................................ 292
6.8
BB2D
............................................... 294
6.9
Memory Subsystem
................................ 296
6.10
Interprocessor Communication
.................... 299
6.11
Interrupt Controller
................................. 300
6.12
EDMA
.............................................. 301
6.13
Peripherals
......................................... 302
6.14
On-chip Debug
..................................... 319
7
Applications, Implementation, and Layout
...... 322
7.1
Introduction
........................................ 322
7.2
Power Optimizations
............................... 323
7.3
Core Power Domains
.............................. 334
7.4
Single-Ended Interfaces
........................... 345
7.5
Differential Interfaces
.............................. 347
7.6
Clock Routing Guidelines
.......................... 366
7.7
DDR3 Board Design and Layout Guidelines
....... 366
8
Device and Documentation Support
.............. 390
8.1
Device Nomenclature
.............................. 390
8.2
Tools and Software
................................ 392
8.3
Documentation Support
............................ 392
8.4
Receiving Notification of Documentation Updates
. 393
8.5
Community Resources
............................. 393
8.6
Trademarks
........................................ 393
8.7
Electrostatic Discharge Caution
................... 393
8.8
Export Control Notice
.............................. 393
8.9
Glossary
............................................ 393
9
Mechanical Packaging and Orderable
Information
............................................. 394
9.1
Mechanical Data
................................... 394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com