Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2EX Datasheet(PDF) 71 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 401 page
background image
71
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-13. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp1_axr15
McASP1 Transmit/Receive Data
IO
F16
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
C17
mcasp1_aclkr(1)
McASP1 Receive Bit Clock
IO
D16
mcasp1_fsr
McASP1 Receive Frame Sync
IO
D17
mcasp1_ahclkx
McASP1 Transmit High-Frequency Master Clock
O
J25
mcasp1_aclkx(1)
McASP1 Transmit Bit Clock
IO
C16
Multichannel Audio Serial Port 2
mcasp2_axr0
McASP2 Transmit/Receive Data
IO
A20
mcasp2_axr1
McASP2 Transmit/Receive Data
IO
B19
mcasp2_axr2
McASP2 Transmit/Receive Data
IO
A21
mcasp2_axr3
McASP2 Transmit/Receive Data
IO
B21
mcasp2_axr4
McASP2 Transmit/Receive Data
IO
B20
mcasp2_axr5
McASP2 Transmit/Receive Data
IO
C19
mcasp2_axr6
McASP2 Transmit/Receive Data
IO
D20
mcasp2_axr7
McASP2 Transmit/Receive Data
IO
C20
mcasp2_axr8
McASP2 Transmit/Receive Data
IO
J25
mcasp2_axr9
McASP2 Transmit/Receive Data
IO
J24
mcasp2_axr10
McASP2 Transmit/Receive Data
IO
H24
mcasp2_axr11
McASP2 Transmit/Receive Data
IO
H25
mcasp2_axr12
McASP2 Transmit/Receive Data
IO
A22
mcasp2_axr13
McASP2 Transmit/Receive Data
IO
A23
mcasp2_axr14
McASP2 Transmit/Receive Data
IO
B22
mcasp2_axr15
McASP2 Transmit/Receive Data
IO
B23
mcasp2_fsx
McASP2 Transmit Frame Sync
IO
D19
mcasp2_ahclkx
McASP2 Transmit High-Frequency Master Clock
O
J24
mcasp2_aclkx(1)
McASP2 Transmit Bit Clock
IO
E19
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
B22
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
B23
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
A21
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
B21
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
A23
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
H24
mcasp3_aclkx(1)
McASP3 Transmit Bit Clock
IO
A22
mcasp3_aclkr(1)
McASP3 Receive Bit Clock
IO
A22
mcasp3_fsr
McASP3 Receive Frame Sync
IO
A23
Multichannel Audio Serial Port 4
mcasp4_axr0
McASP4 Transmit/Receive Data
IO
A24
mcasp4_axr1
McASP4 Transmit/Receive Data
IO
D23
mcasp4_axr2
McASP4 Transmit/Receive Data
IO
A15
mcasp4_axr3
McASP4 Transmit/Receive Data
IO
A14
mcasp4_fsx
McASP4 Transmit Frame Sync
IO
B25
mcasp4_ahclkx
McASP4 Transmit High-Frequency Master Clock
O
H25
mcasp4_aclkx(1)
McASP4 Transmit Bit Clock
IO
C23
mcasp4_aclkr(1)
McASP4 Receive Bit Clock
IO
C23
mcasp4_fsr
McASP4 Receive Frame Sync
IO
B25
Multichannel Audio Serial Port 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com