Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8516
Description  Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8516 Datasheet HTML 1Page - Integrated Device Technology ICS8516 Datasheet HTML 2Page - Integrated Device Technology ICS8516 Datasheet HTML 3Page - Integrated Device Technology ICS8516 Datasheet HTML 4Page - Integrated Device Technology ICS8516 Datasheet HTML 5Page - Integrated Device Technology ICS8516 Datasheet HTML 6Page - Integrated Device Technology ICS8516 Datasheet HTML 7Page - Integrated Device Technology ICS8516 Datasheet HTML 8Page - Integrated Device Technology ICS8516 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
8516 DATA SHEET
2
REVISION B 6/11/15
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1, 6, 12,
25, 31, 36
V
DD
Power
Positive supply pins.
2, 3
nQ5, Q5
Output
Differential output pair. LVDS interface levels.
4, 5
nQ4, Q4
Output
Differential output pair. LVDS interface levels.
7, 17, 20,
30, 41, 44
GND
Power
Power supply ground.
8, 9
nQ3, Q3
Output
Differential output pair. LVDS interface levels.
10, 11
nQ2, Q2
Output
Differential output pair. LVDS interface levels.
13, 14
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
15, 16
nQ0, Q0
Output
Differential output pair. LVDS interface levels.
18
nCLK
Input
Pullup
Inverting differential clock input.
19
CLK
Input
Pulldown
Non-inverting differential clock input.
21, 22
Q15, nQ15
Output
Differential output pair. LVDS interface levels.
23, 24
Q14, nQ14
Output
Differential output pair. LVDS interface levels.
26, 27
Q13, nQ13
Output
Differential output pair. LVDS interface levels.
28, 29
Q12, nQ12
Output
Differential output pair. LVDS interface levels.
32, 33
Q11, nQ11
Output
Differential output pair. LVDS interface levels.
34, 35
Q10, nQ10
Output
Differential output pair. LVDS interface levels.
37, 38
Q9, nQ9
Output
Differential output pair. LVDS interface levels.
39, 40
Q8, nQ8
Output
Differential output pair. LVDS interface levels.
42, 43
OE2, OE1
Input
Pullup
Output enable. OE2 controls outputs Q8, nQ8 thru Q15, nQ15; OE1
controls outputs Q0, nQ0 thru Q7, nQ7.
LVCMOS/LVTTL interface levels.
45, 46
nQ7, Q7
Output
Differential output pair. LVDS interface levels.
47, 48
nQ6, Q6
Output
Differential output pair. LVDS interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com