Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8516
Description  Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8516 Datasheet HTML 7Page - Integrated Device Technology ICS8516 Datasheet HTML 8Page - Integrated Device Technology ICS8516 Datasheet HTML 9Page - Integrated Device Technology ICS8516 Datasheet HTML 10Page - Integrated Device Technology ICS8516 Datasheet HTML 11Page - Integrated Device Technology ICS8516 Datasheet HTML 12Page - Integrated Device Technology ICS8516 Datasheet HTML 13Page - Integrated Device Technology ICS8516 Datasheet HTML 14Page - Integrated Device Technology ICS8516 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REVISION B 6/11/15
8516 DATA SHEET
11
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 3. In a 100
Ω
differential transmission line environment, LVDS drivers require
a matched load termination of 100
Ω across near the receiver
input. For a multiple LVDS outputs buffer, if only partial outputs
are used, it is recommended to terminate the un-used outputs.
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
3.3V
R1
100
Zo = 50 Ohm
LVDS_Driver
HiPerClockS
CLK
nCLK
Zo = 50 Ohm
3.3V
FIGURE 4. ICS8516 LVDS BUFFER SCHEMATIC EXAMPLE
C5
0.1u
(U1-12)
Zo = 50 Ohm
Zo = 50 Ohm
(U1-25)
LVDS_input
+
-
(U1-31)
Zo = 50 Ohm
C3
0.1u
C6
0.1u
U1
8516
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
nQ1
Q1
nQ0
Q0
GND
nCLK
CLK
GND
Q15
nQ15
Q14
nQ14
Q6
nQ6
Q7
nQ7
GND
OE1
OE2
GND
nQ8
Q8
nQ9
Q9
Zo = 50 Ohm
R16
100
Zo = 50 Ohm
VDD=3.3V
LVDS_input
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Zo = 50 Ohm
VDD=3.3V
R10
100
C4
0.1u
C2
0.1u
LVDS_Driver
R17
100
LVDS_input
+
-
(U1-1)
Decoupling capacitors located near the power pins
(U1-6)
(U1-36)
R1
100
C1
0.1u
SCHEMATIC EXAMPLE
Figure 4 shows a schematic example of ICS8516. In this
example, the input is driven by an LVDS driver. For LVDS buffer,
it is recommended to terminate the unused outputs for better
signal integrity. The decoupling capacitors should be physically
located near the power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com