Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8516
Description  Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8516 Datasheet HTML 1Page - Integrated Device Technology ICS8516 Datasheet HTML 2Page - Integrated Device Technology ICS8516 Datasheet HTML 3Page - Integrated Device Technology ICS8516 Datasheet HTML 4Page - Integrated Device Technology ICS8516 Datasheet HTML 5Page - Integrated Device Technology ICS8516 Datasheet HTML 6Page - Integrated Device Technology ICS8516 Datasheet HTML 7Page - Integrated Device Technology ICS8516 Datasheet HTML 8Page - Integrated Device Technology ICS8516 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Skew, 1-to-16
Differential-to-LVDS Clock Distribution Chip
ICS8516
DATASHEET
8516 REVISION B 6/11/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The ICS8516 is a low skew, high performance 1-to-16 Differential-
to-LVDS Clock Distribution Chip.The ICS8516 CLK, nCLK pair can
accept any differential input levels and translates them to 3.3V LVDS
output levels. Utilizing Low Voltage Differential Signaling (LVDS),
the ICS8516 provides a low power, low noise, point-to-point
solution for distributing clock signals over controlled impedances
of 100
Ω.
Dual output enable inputs allow the ICS8516 to be used in a
1-to-16 or 1-to-8 input/output mode.
Guaranteed output and part-to-part skew specifications make
the ICS8516 ideal for those applications demanding well
defined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Sixteen differential LVDS outputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL,
SSTL, DCM) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS
with resistor bias on nCLK input
• Multiple output enable inputs for disabling unused
outputs in reduced fanout applications
• LVDS compatible
• Output skew: 90ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 2.4ns (maximum)
• Additive phase jitter, RMS: 148fs (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package
48-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
Top View


Similar Part No. - ICS8516

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516FY ICST-ICS8516FY Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516FYI ICST-ICS8516FYI Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS8516FYILF ICST-ICS8516FYILF Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS8516FYILFT ICST-ICS8516FYILFT Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
More results

Similar Description - ICS8516

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com