Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8516
Description  Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8516 Datasheet HTML 1Page - Integrated Device Technology ICS8516 Datasheet HTML 2Page - Integrated Device Technology ICS8516 Datasheet HTML 3Page - Integrated Device Technology ICS8516 Datasheet HTML 4Page - Integrated Device Technology ICS8516 Datasheet HTML 5Page - Integrated Device Technology ICS8516 Datasheet HTML 6Page - Integrated Device Technology ICS8516 Datasheet HTML 7Page - Integrated Device Technology ICS8516 Datasheet HTML 8Page - Integrated Device Technology ICS8516 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REVISION B 6/11/15
8516 DATA SHEET
5
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
TABLE 5. AC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OD
Differential Output Voltage
250
400
600
mV
Δ V
OD
V
OD Magnitude Change
50
mV
V
OS
Offset Voltage
1.125
1.4
1.6
V
Δ V
OS
V
OS Magnitude Change
50
mV
I
OZ
High Impedance Leakage Current
-10
+10
µA
I
OFF
Power Off Leakage
-1
+1
µA
I
OSD
Differential Output Short Circuit Current
-5.5
mA
I
OS/IOSB
Output Short Circuit Current
-12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
700
MHz
t
PD
Propagation Delay; NOTE 1
1.6
2.0
2.4
ns
tsk(o)
Output Skew; NOTE 2, 4
90
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
500
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
Integration Range:
12kHz - 20MHz
148
fs
t
R/tF
Output Rise/Fall Time
20% to 80%
100
550
ps
odc
Output Duty Cycle
45
50
55
%
t
PZL, tPZH
Output Enable Time; NOTE 5
5
ns
t
PLZ, tPHZ
Output Disable Time; NOTE 5
5
ns
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com