Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8516
Description  Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8516 Datasheet HTML 1Page - Integrated Device Technology ICS8516 Datasheet HTML 2Page - Integrated Device Technology ICS8516 Datasheet HTML 3Page - Integrated Device Technology ICS8516 Datasheet HTML 4Page - Integrated Device Technology ICS8516 Datasheet HTML 5Page - Integrated Device Technology ICS8516 Datasheet HTML 6Page - Integrated Device Technology ICS8516 Datasheet HTML 7Page - Integrated Device Technology ICS8516 Datasheet HTML 8Page - Integrated Device Technology ICS8516 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION B 6/11/15
8516 DATA SHEET
3
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
Inputs
Outputs
OE1
OE2
Q0:Q7
nQ0:nQ7
Q8:Q15
nQ8:nQ15
0
0
Hi Z
Hi Z
Hi Z
Hi Z
1
0
ACTIVE
ACTIVE
Hi Z
Hi Z
0
1
Hi Z
Hi Z
ACTIVE
ACTIVE
1
1
ACTIVE
ACTIVE
ACTIVE
ACTIVE
In the active mode, the state of the outputs are a function of the CLK and nCLK inputs as described in Table 3B.
Inputs
Outputs
Input to Output Mode
Polarity
CLK
nCLK
Q0:Q15
nQ0:nQ15
0
1
LOW
HIGH
Differential to Differential
Non Inverting
1
0
HIGH
LOW
Differential to Differential
Non Inverting
0
Biased; NOTE 1
LOW
HIGH
Single Ended to Differential
Non Inverting
1
Biased; NOTE 1
HIGH
LOW
Single Ended to Differential
Non Inverting
Biased; NOTE 1
0
HIGH
LOW
Single Ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single Ended to Differential
Inverting
NOTE 1: Please refer to the Application Information section, “Wiring the Differential Input to Accept Single Ended Levels”.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
C
PD
Power Dissipation Capacitance
(per output)
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com